PART |
Description |
Maker |
AD8361 AD8361ARM AD8361ARM-REEL AD8361ARM-REEL7 AD |
LF to 2.5 GHz TruPwrDetector SPECIALTY ANALOG CIRCUIT, PDSO6 LF to 2.5 GHz TruPwrDetector 低频.5 GHz TruPwr⑩探测器 LF to 2.5 GHz TruPwr⑩ Detector LF to 2.5 GHz TruPwr Detector LF to 2.5 GHz TruPwr?/a> Detector LF to 2.5 GHz TruPwr?Detector
|
Analog Devices, Inc. AD[Analog Devices]
|
AD8363 AD8363-EVALZ AD8363ACPZ-R2 AD8363ACPZ-R7 AD |
50 Hz to 6 GHz 50 dB TruPwr Detector
|
Analog Devices
|
ADL5501 |
50 MHz to 4 GHz TruPwr™ Detector
|
Analog Devices
|
ADL5511 ADL5511-EVALZ ADL5511ACPZ-R7 |
Envelope and TruPwr RMS Detector DC to 6 GHz Envelope and TruPwr RMS Detector
|
Analog Devices
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
UPB1502GR UPB1502GR1 UPB1502GR1-E1 UPB1502GR-E1 |
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129 1.7千兆 2.0 GHz的低功耗双分频DIVIDED-BY-64/65,一百二十九分之一百二十八 1.7 GHz/ 2.0 GHz Low-Power Two-Modulus Prescaler(1.7GHz 2.0GHz 定标
|
NEC, Corp. NEC Corp.
|
ST-4 |
MINI-NOISE DIODES 10 KHZ TO 3 GHZ 0.00001 GHz - 3 GHz, SILICON, NOISE DIODE
|
Micronetics, Inc.
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
AD8347 AD8347ARU AD8347ARU-REEL AD8347ARU-REEL7 AD |
800 MHz to 2.7 GHz RF / IF Quadrature Demodulator 0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
|
AD[Analog Devices]
|
PE-W90TF006-24 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
PE-W90SF006-36 |
WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|